Part Number Hot Search : 
C1006 BC846 H9NA80 25J75 A4810 4VHC3 27C256 50AC100A
Product Description
Full Text Search
 

To Download WGSMF05C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WGSMF05C
5-Line TVS Array
P b Lead(Pb)-Free
Features: * 100 Watts Peak Pulse Power per Line(tp=8/20 s) * Monolithic Structure * Low Clamping Voltage * IEC Compatibility(EN6100-4) 61000-4-2(ESD): Air-15kV, Contact-8kV 61000-4-4(EFT): 40A-5/50ns * ESD Protection>40 kilovolts * Low Leakage Current * Protects Four(4) Bidirectional Lines and Five(5) Unidirectional Lines Main Applications: * Computer Notebooks * Communication Systems & Cellular Phones * Printers * Personal Digital Assistant(PDA) * Video Equipment Mechanical Characteristics: * Molded JEDEC SOT-563 Package * Weight 3 milligrams
Peak Pulse Power 100 Watts Reverse Working Voltage 5.0 VOLTS
6 1
5
4
2
3
SOT-563
SOT-563 Outline Dimensions
D
6 5 4
Unit:mm
K
SOT-563
Dim A B C D G J K S Min 1.50 1.10 0.50 0.17 Max 1.70 1.30 0.60 0.27 0.50 REF 0.08 0.16 0.10 0.30 1.50 1.70
B
1 2 3
S
G A
J C
WE ITR O N
http://www.weitron.com.tw
1/3
09-Oct-07
WGSMF05C
Maximum Ratings (TA=25C unless otherwise noted)
Parameter Peak Pulse Power (tp=8/20 s) See Figure 1 Symbol PPP Value 100 Units W kV
C C
IEC61000-4-2 Air(ESD) IEC61000-4-2 Contact(ESD)
Operating Temperature Storage Temperature
ESD
TJ TSTG
15 8
-55 to +150 -55 to +150
ELECTRICAL CHARACTERISTICS
Parameter Reverse Working Voltage Breakdown Voltage Reverse Leakage Current Capacitance Conditions IR=1uA IT=1mA VRWM=3V VR=0V,f=1MHz Symbol VRWM VBR IR CJ 6.2 Min Typ 6.8 0.01 54 Max 5.0 7.2 0.5 70 Unit V V A pF
Device Marking
Item
WGSMF05C
Marking EC
Eqivalent Circuit diagram
1 2 3 6 5 4
W E IT R O N
h t t p : / / w w w . w e i t r o n . c o m . tw
2/3
09-Oct-07
WGSMF05C
Figure 1 Peak Pulse Power VS Pulse Se Time
Figure 2 Pulse Wave Form
Figure 3 Power Derating Curve
Figure 4 Typical Clamping Voltage VS Peak Pulse Current
WE ITR O N
http://www.weitron.com.tw
3/3
09-Oct-07


▲Up To Search▲   

 
Price & Availability of WGSMF05C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X